PART |
Description |
Maker |
125GBIT/SSC1X93.3AMP5V FC10625GBDSC1X933V |
Transceivers by Form-factor MSA - Product Type Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX
|
Infineon
|
OC3SM-ATM1553.3V-40/85 |
Transceivers by Form-factor MSA -
|
Infineon
|
AFCT-5971ALZ AFCT-5971LZ AFCT-5971LZALZ |
Single Mode Laser Small Form Factor Fast Ethernet Transceivers
|
AVAGO TECHNOLOGIES LIMI...
|
HFBR-5963ALZ |
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
|
AVAGO TECHNOLOGIES LIMI...
|
V23849-R35-C55 V23849-R36-C55 |
Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; common ground sheme Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; separated ground sheme
|
Infineon
|
V23836-C18-C363 V23836-C18-C63 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 3,3 V, DC/DC coupling Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 5 V, DC/DC coupling 1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1 1x9收发器与双工SC插孔单模1300纳米21公里与SONET OC - 3 / SDH的的STM - 1
|
Infineon Technologies A... Infineon Technologies AG
|
V23848-M15-C756 |
Transceivers by Form-factor MSA - iSFP™ - 1300 nm 35 km 2.125/1.0625 Gbit/s Fibre Channel 1.25 GBE with LC Connect or
|
Infineon
|
V23818-M305-B57 2.125AND1.0625GBDLCSFP |
Transceivers by Form-factor MSA - SFP - Multimode 850nm VCSEL; 2.125 and 1.0625 Gbit/s FC; 1.25 GBE TRX with LC-Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC Connector
|
Infineon Technologies AG
|
V23818-S5-B1 |
SFP - Small Form-factor Pluggable Cage EMI / Dust Plug SFP -小型可插拔笼的EMI /防尘插头 Transceivers by Standard - SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
|
INFINEON[Infineon Technologies AG]
|
UNO-2678-RDA0 UNO-2668-JDA0 UNO-2678-NDA0 |
Celeron垄莽 400 MHz UNO with 3xLAN, 8xIsolated RS-232/422/485 and 1U Form Factor Celeron庐 400 MHz UNO with 3xLAN, 8xIsolated RS-232/422/485 and 1U Form Factor Celeron? 400 MHz UNO with 3xLAN, 8xIsolated RS-232/422/485 and 1U Form Factor
|
Advantech Co., Ltd.
|
V23826-H18-C363 V23826-H18-C63 SCDUPLEXIR1X933V |
Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, SC Duplex Connector, 3.3 V, DC/DC coupling DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver 直流/直流 V/3.3五)单模622 MBd的ATM SDH / SONET1x9收发
|
INFINEON[Infineon Technologies AG]
|